PART |
Description |
Maker |
2SB688 2SB688O 2SB688R |
POWER TRANSISTORS(8A/120V/80W) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 8A I(C) | TO-247VAR POWER TRANSISTORS(8A,120V,80W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
ZXTP05120HFFTA ZXTP05120HFF |
120V, SOT23F, PNP medium power Darlington transistor
|
ZETEX[Zetex Semiconductors]
|
2SA15381 2SA1538C 2SC3953C 2SA1538E 2SC3953D 2SA15 |
TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 200MA I(C) | TO-126 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 200mA的一(c)|26 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 200MA I(C) | TO-126 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 200mA的一(c)|26 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT APPLICATIONS
|
Sanyo Semicon Device
|
BUV27 BUV27G |
Bipolar T0220 NPN 8A 120V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 12 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Power Transistor
|
Rectron Semiconductor
|
2SD1953 0771 |
NPN Epitaxial Planar Silicon Transistor 120V/1.5A Driver Applications From old datasheet system NPN Epitaxial Planar Silicon Transistors for 120V/1.5A Driver Applications(120V/1.5A驱动器应用的NPN硅外延平面型晶体
|
Sanyo Electric Co.,Ltd.
|
CJF15028 |
36.000W Medium Power NPN Plastic Leaded Transistor. 120V Vceo, 8.000A Ic, 20 hFE.
|
Continental Device India Limited
|
2SA1358Y 2SA1358 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 1A I(C) | TO-126VAR 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 1A条一(c)|26VAR
|
TOSHIBA
|
STB80NF12 STP80NF12FP STP80NF12 STW80NF12 STB80NF1 |
N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D?PAK STripFETII POWER MOSFET N沟道120伏特- 0.013ohm - 80A条TO-220/TO-247/TO-220FP/D?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D2PAK STripFET?/a> II POWER MOSFET N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D2PAK STripFET II POWER MOSFET N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/DPAK STripFET II POWER MOSFET N-CHANNEL 120V-0.013OHM-80A TO-220/TO-247/TO-220FP/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 120V-0.013OHM-80A TO-220/TO-247/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SU10KRT3U |
SmartOnline 10kVA On-Line Double-Conversion UPS, 9U Rack/Tower, 208/120V or 240/120V Hardwire output
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
RFL4N12 RFL4N15 |
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs 4000 mA, 120 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-205AF 4A/ 120V and 150V/ 0.400 Ohm/ N-Channel Power MOSFETs
|
Intersil, Corp. Intersil Corporation
|
SU12000RT4U |
SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|